Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download MBR20020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR20020(R) THRU MBR200100(R)
SCHOTTKY DIODES MODULE TYPE 200A
Features
High Surge Capability
Types Up to 100V V RRM
200Amp Rectifier 20-100 Volts HALF PACKAGE
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
G D J
K
B
F
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 56V 70V
MBR20020( R )
MBR20030( R ) MBR20035( R ) MBR20040( R ) MBR20045( R ) MBR20060( R ) MBR20080( R ) MBR200100( R )
E H C
A
L
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current Maximum NOTE (1) Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage IF(AV) IFSM VF
Unless Otherwise Specified
200A 3000A
0.65V 0.75V 0.84V
Baseplate Common Cathode
Baseplate R=Common Anode
TC =136
DIMENSIONS INCHES MIN MAX 1/4 1.515 1.560 .725 .775 .595 .625 1.192 .1.182 .745 .755 .152 .160 - 20 1/4 .540 .580 .156 .160 .505 .495 .130 .120 MM MIN 38.48 18.42 15.11 30.02 18.92 3.86 UNC 13.72 3.96 12.57 3.05 MAX 39.62 19.69 15.88 30.28 19.18 4.061 - 2B 14.73 4.06 12.83 3.30 NOTE
8.3ms , half sine
(MBR20020~MBR20045) (MBR20060) (MBR20080~MBR200100) I FM =200 A; T j = 25
IR
5.0 m A 250 mA
TJ = 25 TJ =125
Maximum Thermal Resistance Junction To Case
R jc
0.8
/W
DIM A B C D E F G H J K L
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR20020(R) THRU MBR200100(R)
Figure .1-Typical Forward Characteristics
Figure .2- Forward Derating Curve
AvErage ForwArd Rectified Current - AmPeres
1000 600
T =25 J
200
I nStantaneous Forward Current - Amperes Amps
400 200 MBR20020~ 100 MBR20040 60 40 20 10 6.0 4.0 2.0 1.0 MBR20080~ MBR200100 MBR20060
160
Amps
120
80
40
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
2000 1000 600 400 200
Figure .4-Typical Reverse Characteristics
Tj =150 C
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
3500
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
100 60 40 20
Tj =125 C
Peak Forward Surge Current -Amperes Amps
3000 2500 2000 1500 1000 500 1
m Amps
10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02
T =75 J
2
4
6
8 10 20 Cycles
40
60 80 100
T =25 J
Number Of Cycles At 60Hz - Cycles
.01
0
10
20
30
40
50
60
70
80
90
100
Volts Reverse Voltage - Volts


▲Up To Search▲   

 
Price & Availability of MBR20020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X